Part Number Hot Search : 
UGP20A UN5113 LV5683 PSA44 5DL2C41A TFMN5400 BAS40W 00K1T
Product Description
Full Text Search
 

To Download 74HC138D-Q100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc138-q100; 74hct138-q100 is a high -speed si-gate cmos device and is pin compatible with low-po wer schottky ttl (lsttl). the 74hc138-q100; 74hct138-q100 decoder accepts three binary weighted address inputs (a0, a1 and a3) and when enabled, provides 8 mutually exclusive active low outputs (y 0to y 7). the 74hc138-q100; 74hct138-q100 features three enable inputs: two active low (e 1 and e 2) and one active high (e3). every output w ill be high unless e1 and e 2are low and e3 is high. this multiple enable functi on allows easy parallel expansion of the 74hc138-q100; 74hct138-q100 to a 1-of-32 (5 lines to 32 lines) decoder with just four 74hc138-q100; 74hct138-q100 ics and one inverter. the 74hc138-q100; 74hct138-q100 can be used as an eight output demultiplexer by using one of the active low enable inputs as the data input and the remaining enable inputs as strobes. not used enable inputs must be permanently tied to their appropriate active high- or low-state. this product has been qualified to the automotive electronics council (aec) standard q100 (grade 1) and is suitable for use in automotive applications. 2. features and benefits ? automotive product qualif ication in accordance with aec-q100 (grade 1) ? specified from ? 40 ? c to +85 ? c and from ? 40 ? c to +125 ? c ? demultiplexing capability ? multiple input enable for easy expansion ? complies with jedec standard no. 7a ? ideal for memory chip select decoding ? active low mutually exclusive outputs ? esd protection: ? mil-std-883, method 3015 exceeds 2000 v ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v (c = 200 pf, r = 0 ? ) ? multiple package options 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting rev. 1 ? 16 july 2012 product data sheet
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 2 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 3. ordering information 4. functional diagram table 1. ordering information type number package temperature range name description version 74HC138D-Q100 ? 40 ? cto+125 ? c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74 hct138d-q100 74hc138pw-q100 ? 40 ? cto+125 ? c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74hct138pw-q100 74hc138bq-q100 ? 40 ? cto+125 ? c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 ? 3.5 ? 0.85 mm sot763-1 74hct138bq-q100 fig 1. logic symbol fig 2. functional diagram y0 y1 y2 y3 y4 y5 y6 y7 7 9 10 11 12 13 14 15 a0 a1 a2 3 2 1 6 5 4 e2 e1 e3 mna370 mna372 enable exiting y0 y1 y2 y3 y4 y5 y6 y7 7 9 10 11 12 13 14 15 a0 a1 a2 3-to-8 decoder 3 2 1 6 5 4 e2 e1 e3
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 3 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 5. pinning information 5.1 pinning fig 3. logic diagram 001aae059 y6 y7 e1 e2 e3 a0 a1 a2 y4 y5 y2 y3 y0 y1 (1) the die substrate is attached to this pad using conductive die attach mate rial. it cannot be used as supply pin or input. fig 4. pin configuration so16 and tssop16 fig 5. pin configuration dhvqfn16 74hc138/q100 74hct138/q100 a0 v cc a1 y0 a2 y1 e1 y2 e2 y3 e3 y4 y7 y5 gnd y6 aaa-003153 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15 aaa-003154 74hc138/q100 74hct138/q100 y7 y5 e3 y4 e2 y3 e1 y2 a2 y1 a1 y0 gnd y6 a0 v cc transparent top view 7 10 6 11 5 12 4 13 3 14 2 15 8 9 1 16 terminal 1 index area gnd (1)
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 4 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care. table 2. pin description symbol pin description a0, a1, a2 1, 2, 3 address input a0, a1, a2 e 1, e 2 4, 5 enable input e 1, e 2 (active low) e3 6 enable input e3 (active high) y 0, y 1, y 2, y 3, y 4, y 5, y 6, y 7 15, 14, 13, 12, 11, 10, 9, 7 output y 0, y 1, y 2, y 3, y 4, y 5, y 6, y 7 (active low) gnd 8 ground (0 v) v cc 16 positive supply voltage table 3. function table [1] control input output e 1 e 2 e3 a2 a1 a0 y 7 y 6 y 5 y 4 y 3 y 2 y 1 y 0 h x x x x x hhhhhhhh xhx xxl l l h l l l hhhhhhhl l l h hhhhhhl h l h l hhhhhl hh l h h hhhhl hhh h l l hhhl hhhh h l h hhl hhhhh h h l hl hhhhhh h h h l hhhhhhh
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 5 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 7. limiting values [1] for so16 package: p tot derates linearly with 8 mw/k above 70 ? c. for tssop16 package: p tot derates linearly with 5.5 mw/k above 60 ? c. for dhvqfn16 package: p tot derates linearly with 4.5 mw/k above 60 ? c. 8. recommended operating conditions table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7 v i ik input clamping current v i < ? 0.5 v or v i >v cc +0.5 v - ? 20 ma i ok output clamping current v o < ? 0.5 v or v o >v cc +0.5v - ? 20 ma i o output current v o = ? 0.5 v to (v cc +0.5v) - ? 25 ma i cc supply current - 50 ma i gnd ground current - ? 50 ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation [1] - 500 mw table 5. recommended operating conditions voltages are referenced to gnd (ground = 0 v) symbol parameter conditions 74hc138-q100 74hct138-q100 unit min typ max min typ max v cc supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 v v i input voltage 0 - v cc 0- v cc v v o output voltage 0 - v cc 0- v cc v t amb ambient temperature ? 40 +25 +125 ? 40 +25 +125 ?c ? t/ ? v input transition rise and fall rate v cc = 2.0 v - - 625 - - - ns/v v cc = 4.5 v - 1.67 139 - 1.67 139 ns/v v cc = 6.0 v--83---ns/v
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 6 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 9. static characteristics table 6. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max 74hc138-q100 v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - 1.5 - 1.5 - v v cc = 4.5 v 3.15 2.4 - 3.15 - 3.15 - v v cc = 6.0 v 4.2 3.2 - 4.2 - 4.2 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 - 0.5 - 0.5 v v cc = 4.5 v - 2.1 1.35 - 1.35 - 1.35 v v cc = 6.0 v - 2.8 1.8 - 1.8 - 1.8 v v oh high-level output voltage v i =v ih or v il i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v i o = ? 4.0 ma; v cc = 4.5 v 3.98 4.32 - 3.84 - 3.7 - v i o = ? 5.2 ma; v cc = 6.0 v 5.48 5.81 - 5.34 - 5.2 - v v ol low-level output voltage v i =v ih or v il i o =20 ? a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 6.0 v - 0 0.1 - 0.1 - 0.1 v i o = 4.0 ma; v cc = 4.5 v - 0.15 0.26 - 0.33 - 0.4 v i o = 5.2 ma; v cc = 6.0 v - 0.16 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =6.0v -- ? 0.1 - ? 1.0 - ? 1.0 ? a i oz off-state output current per input pin; v i =v ih or v il ; v o =v cc or gnd; other inputs at v cc or gnd; v cc =6.0v; i o =0a -- ? 0.5 - ? 5.0 - ? 10 i cc supply current v i =v cc or gnd; i o =0a; v cc =6.0v - - 8.0 - 80 - 160 ? a c i input capacitance -3.5- pf 74hct138-q100 v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - 2.0 - 2.0 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 - 0.8 - 0.8 v v oh high-level output voltage v i =v ih or v il ; v cc =4.5v i o = ? 20 ? a 4.4 4.5 - 4.4 - 4.4 - v i o = ? 4 ma 3.98 4.32 - 3.84 - 3.7 - v
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 7 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting v ol low-level output voltage v i =v ih or v il ; v cc =4.5v i o =20 ? a - 0 0.1 - 0.1 - 0.1 v i o = 4.0 ma - 0.15 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =5.5v -- ? 0.1 - ? 1.0 - ? 1.0 ? a i oz off-state output current per input pin; v i =v ih or v il ; v o =v cc or gnd; other inputs at v cc or gnd; v cc =5.5v; i o =0a -- ? 0.5 - ? 5.0 - ? 10 ? a i cc supply current v i =v cc or gnd; i o =0a; v cc =5.5v - - 8.0 - 80 - 160 ? a ? i cc additional supply current v i =v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v; i o =0a per input pin; an inputs - 150 540 - 675 - 735 ? a per input pin; e n inputs - 125 450 - 562.5 - 612.5 ? a per input pin; e3 input - 100 360 - 450 - 490 ? a c i input capacitance -3.5- pf table 6. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 8 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 10. dynamic characteristics table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); c l = 50 pf unless otherwise specified; for test circuit see figure 8 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max for type 74hc138-q100 t pd propagation delay an to y n; see figure 6 [1] v cc = 2.0 v - 41 150 - 190 - 225 ns v cc = 4.5 v - 15 30 - 38 - 45 ns v cc =5v; c l =15pf - 12 - - - - - ns v cc = 6.0 v - 12 26 - 33 - 38 ns e3 to y n; see figure 6 [1] v cc = 2.0 v - 47 150 - 190 - 225 ns v cc = 4.5 v - 17 20 - 38 - 45 ns v cc =5v; c l =15pf - 14 - - - - - ns v cc = 6.0 v - 14 26 - 33 - 38 ns e ntoy n; see figure 7 [1] v cc = 2.0 v - 47 150 - 190 - 225 ns v cc = 4.5 v - 17 20 - 38 - 45 ns v cc =5v; c l =15pf - 14 - - - - - ns v cc = 6.0 v - 14 26 - 33 - 38 ns t t transition time y n; see figure 6 and figure 7 [2] v cc = 2.0 v - 19 75 - 95 - 110 ns v cc = 4.5 v - 7 15 - 19 - 22 ns v cc = 6.0 v - 6 13 - 16 - 19 ns c pd power dissipation capacitance c l = 50 pf; f = 1 mhz; v i =gndtov cc [3] -67- - - - -pf
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 9 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting [1] t pd is the same as t plh and t phl . [2] t t is the same as t thl and t tlh . [3] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. for type 74hct138-q100 t pd propagation delay an to y n; see figure 6 [1] v cc = 4.5 v - 20 35 - 44 - 53 ns v cc =5v; c l =15pf - 17 - - - - - ns e3 to y n; see figure 6 [1] v cc = 4.5 v - 18 40 - 50 - 60 ns v cc =5v; c l =15pf - 19 - - - - - ns e ntoy n; see figure 7 [1] v cc = 4.5 v - 19 40 - 50 - 60 ns v cc =5v; c l =15pf - 19 - - - - - ns t t transition time y n; see figure 6 and figure 7 [2] v cc = 4.5 v - 7 15 - 19 - 22 ns c pd power dissipation capacitance c l = 50 pf; f = 1 mhz; v i =gndtov cc [3] -67- - - - -pf table 7. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); c l = 50 pf unless otherwise specified; for test circuit see figure 8 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 10 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 11. waveforms measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 6. propagation delay input (an) and enable input (e3) to output (y n) and transition time output (y n) mna373 an, e3 input yn output t phl t thl t plh gnd v cc v m v m v oh v ol t tlh measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 7. propagation delay enable input (e n) to output (y n) and transition time output (y n) mna374 e1, e2 input yn output t phl t plh gnd v cc v m v m v oh v ol t thl t tlh table 8. measurement points type input output v m v m 74hc138-q100 0.5v cc 0.5v cc 74hct138-q100 1.3 v 1.3 v
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 11 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting test data is given in table 9 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. s1 = test selection switch. fig 8. load circuitry for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aad983 dut v cc v cc v i v o r t r l s1 c l open g table 9. test data type input load s1 position v i t r , t f c l r l t phl , t plh t pzh , t phz t pzl , t plz 74hc138-q100 v cc 6ns 15pf, 50 pf 1 k ? open gnd v cc 74hct138-q100 3 v 6 ns 15 pf, 50 pf 1 k ? open gnd v cc
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 12 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 12. package outline fig 9. package outline sot109-1 (so16) x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 13 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting fig 10. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 a max. 1.1 pin 1 index
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 14 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting fig 11. package outline sot763-1 (dhvqfn16) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763-1 dhvqfn16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 27 15 10 9 8 1 16 x d e c b a terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 15 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 13. abbreviations 14. revision history table 10. abbreviations acronym description cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model lsttl low-power schottky transistor-transistor logic mm machine model mil military table 11. revision history document id release date data sheet status change notice doc. number supersedes 74hc_hct138_q100 v.1 20120716 product data sheet - - -
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 16 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc_hct138_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 16 july 2012 17 of 18 nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc138-q100; 74hct138-q100 3-to-8 line decoder/de multiplexer; inverting ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 16 july 2012 document identifier: 74hc_hct138_q100 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 recommended operating conditions. . . . . . . . 5 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 16 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 17 16 contact information. . . . . . . . . . . . . . . . . . . . . 17 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18


▲Up To Search▲   

 
Price & Availability of 74HC138D-Q100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X